Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6683EVCMODU Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6683EVCMODU
Description  Evaluation System/Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6683EVCMODU Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6683EVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quick Start
Recommended Equipment
• MAX6683 EV system
MAX6683 EV kit
Maxim CMODUSB interface board
USB cable (included with the CMODUSB)
• A user-supplied Windows 98SE/2000/XP PC with
spare USB port
• 3.3V power supply for VCC
• 1.8V power supply*
• 2.5V power supply*
• 5V power supply*
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows 98SE/2000/XP
operating system.
Procedure
The MAX6683 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supplies until all
connections are completed.
1) Visit the Maxim website (www.maxim-ic.com/evkit-
software) to download the latest version of the EV
kit software, 6683Rxx.ZIP.
2) Install the MAX6683 EV kit software on your com-
puter by running the INSTALL.EXE program. The
program files are copied and icons are created in
the Windows Start menu.
3) Carefully connect the boards by aligning the 20-pin
connector of the MAX6683 EV kit with the 20-pin
header of the CMODUSB interface board. Gently
press them together.
4) Ensure that a shunt is on pins 1-2 of jumper JU4.
Do not turn on the power until all connections are
made.
5) Connect the 3.3V power supply to the VCC and
GND pads.
6) Connect the 1.8V nominal power supply to the 1.8
VIN and GND pads.
7) Connect the 2.5V nominal power supply to the 2.5
VIN and GND pads.
8) Connect the 5V nominal power supply to the 5 VIN
and GND pads.
9) Connect the USB cable from the PC to the
CMODUSB board. A Building Driver Database
window pops up in addition to a New Hardware
Found message. If you do not see a window that is
similar to the one described above after 30
seconds, remove the USB cable from the
CMODUSB and reconnect it. Administrator
privileges are required to install the USB device
driver on Windows 98SE/2000/XP. Refer to the
TROUBLESHOOTING_USB.PDF document in-
cluded with the software if you have any
problems during this step.
10) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX6683 (or the directory cho-
sen during installation) using the Browse button.
11) Turn on the power supplies.
12) Turn on the EV kit by moving SW1 to the ON posi-
tion.
13) Start the MAX6683 EV kit software by clicking on its
icon in the Start menu.
14) Wait until the program automatically detects the
address of the MAX6683 and displays the user-
interface panel (Figure 1).
15) Select the Configuration tab on the panel (Figure
2). Uncheck the Interrupt Clear checkbox.
16) Check the START checkbox.
17) Verify that the internal temperature displayed on the
user-interface panel is not 0.000
°C.
MAX6683 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
SUPPLIER
PHONE
FAX
WEBSITE
Murata Mfg. Co., Ltd.
770-436-1300
770-436-3030
www.murata.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK Corp.
847-803-6100
847-390-4405
www.component.tdk.com
Component Suppliers
Note: Indicate that you are using the MAX6683 when contacting these component suppliers.
*These supplies are optional; however, if different nominal supplies are used, appropriate threshold values should be programmed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com