Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6683EVCMODU Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6683EVCMODU
Description  Evaluation System/Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6683EVCMODU Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6683EVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX6683EVCMODU Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX6683 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
5
5
____________________________________________________________________________________
Detailed Description
User-Interface Panel
The user interface is easy to operate using the mouse,
or by using the tab key to navigate with the arrow keys.
The checkboxes, edit fields, and radio buttons corre-
spond to bits in the internal registers. By clicking on
them, the correct SMBus write operation is generated
to update the registers.
The program monitors for an alert interrupt and continu-
ally polls the device for new temperature, voltage, and
status data. To disable the continuous polling of data,
uncheck the Automatic Read checkbox. To change
the temperature or voltage threshold comparison regis-
ters, select the appropriate data field and type in the
new value. Pressing Enter, after typing in the new val-
ues, updates the internal registers.
The message ALERT appears whenever an interrupt
condition occurs. To clear the interrupt, first eliminate the
condition that caused it and then click on Read Status.
Simple SMBus Commands
There are two methods for communicating with the
MAX6683: through the normal user-interface panel or
through the SMBus commands available from pressing
the MAXSMBus.. button. A display appears that allows
the SMBus protocols, such as Read Byte and Write
Byte, to be executed. To stop normal user-interface
execution so that it does not override the manually set
values, turn off the update timer that slaves the pro-
gram to the conversion rate by unchecking the
Automatic Read checkbox.
The SMBus dialog boxes accept numeric data in bina-
ry, decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly eight digits.
Note: In places where the slave address asks for an 8-
bit value, it must be the 7-bit slave address of the
MAX6683 as determined by the address pin (ADD) with
the last bit set to 1 for a read operation and 0 for a write.
Data Logging
Check the Data Logging checkbox to activate data
logging. Data logging saves temperature, voltage, and
status data to a text file that includes a time/date stamp
next to each data point. If Automatic Read is enabled,
data is sampled at 2Hz; however, the data is logged to
the file only if the temperature, voltage, or status
change. This slows the growth of the data-logging file.
When Automatic Read is disabled, the data is logged
each time the Read All button is clicked. To stop data
logging, uncheck the Data Logging checkbox.
Jumper and Switch Settings
Jumper 1 (JU1) sets the MAX6683 slave address. The
default address is 0010 101 (ADD = VCC); see Table 1
for a complete list of addresses. The slide switch, SW1,
provides a means to force a reset. This switch disables
power to the device.
Evaluating the MAX6652
The MAX6683 EV kit can also evaluate the MAX6652.
Remove the MAX6683 from the board and install the
MAX6652.
The MAX6652 and MAX6683 monitor different voltages.
See Table 2.
When evaluating the MAX6652 with the MAX6683 soft-
ware, the voltages displayed for the supply voltage (VCC),
the 1.8V nominal voltage, and the 5V nominal voltage are
incorrect. However, the ADC output code, shown in
parentheses next to the voltage, is correct. Use the equa-
tions shown below to calculate the actual voltages:
.
V
V ADC output code
Voltage on pin
V ADC output code
Voltage on pin
V ADC output code
CC =
×
=
×
=
×
5
192
1
12
192
3
33
192
Table 2. Voltage Monitor Differences
Between MAX6652 and MAX6683
SHUNT
LOCATION
ADD
CONNECTION
MAX6683
ADDRESS
0x28
To GND
0010 100Y
0x2A
To VCC
0010 101Y
0x2C
To SDA
0010 110Y
0x2E
To SCL
0010 111Y
Table 1. JU1 Shunt Settings for SMBus
Address
Note: The first 7 bits shown are the address. Y (bit 0) is the
SMBus read/write bit. This bit is a 1 for a read operation and
zero for a write.
PIN
MAX6652 (V)
MAX6683 (V)
10 (VCC)
5
3.3
1
12
1.8
3
3.3
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com