Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD16N65M5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STD16N65M5
Description  N-channel 650 V, 0.230 Ω, 12 A MDmesh??V Power MOSFET in D²PAK, DPAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N65M5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD16N65M5 Datasheet HTML 5Page - STMicroelectronics STD16N65M5 Datasheet HTML 6Page - STMicroelectronics STD16N65M5 Datasheet HTML 7Page - STMicroelectronics STD16N65M5 Datasheet HTML 8Page - STMicroelectronics STD16N65M5 Datasheet HTML 9Page - STMicroelectronics STD16N65M5 Datasheet HTML 10Page - STMicroelectronics STD16N65M5 Datasheet HTML 11Page - STMicroelectronics STD16N65M5 Datasheet HTML 12Page - STMicroelectronics STD16N65M5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STB16N65M5, STD16N65M5
Test circuits
Doc ID 18146 Rev 2
9/19
3
Test circuits
Figure 17.
Switching times test circuit for
resistive load
Figure 18.
Gate charge test circuit
Figure 19.
Test circuit for inductive load
switching and diode recovery times
Figure 20.
Unclamped inductive load test
circuit
Figure 21.
Unclamped inductive waveform
Figure 22.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
µF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
µH
µF
3.3
1000
µF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM05540v1
Id
Vgs
Vds
90%Vds
10%Id
90%Vgs
on
Tdelay-off
Tfall
Trise
Tcross -over
10%Vds
90%Id
Vgs(I(t))
on
-off
Tfall
Trise
-
))
Concept waveform for Inductive Load Turn-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com