Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD16N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD16N65M5
Description  N-channel 650 V, 0.230 Ω, 12 A MDmesh??V Power MOSFET in D²PAK, DPAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD16N65M5 Datasheet HTML 1Page - STMicroelectronics STD16N65M5 Datasheet HTML 2Page - STMicroelectronics STD16N65M5 Datasheet HTML 3Page - STMicroelectronics STD16N65M5 Datasheet HTML 4Page - STMicroelectronics STD16N65M5 Datasheet HTML 5Page - STMicroelectronics STD16N65M5 Datasheet HTML 6Page - STMicroelectronics STD16N65M5 Datasheet HTML 7Page - STMicroelectronics STD16N65M5 Datasheet HTML 8Page - STMicroelectronics STD16N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
October 2011
Doc ID 18146 Rev 2
1/19
19
STB16N65M5
STD16N65M5
N-channel 650 V, 0.230
Ω, 12 A MDmesh™ V Power MOSFET
in D²PAK, DPAK
Features
■ DPAK worldwide best RDS(on)
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max.
ID
STB16N65M5
710 V
< 0.279
Ω
12 A
STD16N65M5
DPAK
D²PAK
1
3
TAB
1
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB16N65M5
16N65M5
D²PAK
Tape and reel
STD16N65M5
DPAK
www.st.com


Similar Part No. - STD16N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16N65M5 STMICROELECTRONICS-STD16N65M5 Datasheet
1Mb / 19P
N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
14-Oct-2011
logo
Inchange Semiconductor ...
STD16N65M5 ISC-STD16N65M5 Datasheet
308Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STD16N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
14-Oct-2011
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
13-Oct-2011
STD16N60M6 STMICROELECTRONICS-STD16N60M6 Datasheet
339Kb / 15P
N-channel 600 V, 0.260 Ω typ., 12 A MDmesh M6 Power MOSFET in a DPAK package
08-May-2020
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STD13NM50N STMICROELECTRONICS-STD13NM50N Datasheet
665Kb / 18P
N-channel 500 V, 0.285 Ω typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
22-Oct-2018
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com