Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F405XX Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 65Page - STMicroelectronics STM32F405XX Datasheet HTML 66Page - STMicroelectronics STM32F405XX Datasheet HTML 67Page - STMicroelectronics STM32F405XX Datasheet HTML 68Page - STMicroelectronics STM32F405XX Datasheet HTML 69Page - STMicroelectronics STM32F405XX Datasheet HTML 70Page - STMicroelectronics STM32F405XX Datasheet HTML 71Page - STMicroelectronics STM32F405XX Datasheet HTML 72Page - STMicroelectronics STM32F405XX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
69/154
where
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
VDD is the MCU supply voltage
fSW is the /O switching frequency
C is the total capacitance seen by the I/O pin: C = CINT+ CEXT
The test pin is configured in push-pull output mode and is toggled by software at a fixed
frequency.
Table 22.
Switching output I/O current consumption(1)
Symbol
Parameter
Conditions
I/O toggling
frequency (fSW)
Typ
Unit
IDDIO
Supply current
VDD = 3.3 V
Cext = 20 pF
TBD
TBD
mA
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
VDD = 3.3 V
Cext = 50 pF
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
VDD = 2.4V
Cext = 20pF
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
VDD = 2.4V
Cext = 50pF
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
1.
TBD stands for “to be defined”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com