Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F405XX Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 89Page - STMicroelectronics STM32F405XX Datasheet HTML 90Page - STMicroelectronics STM32F405XX Datasheet HTML 91Page - STMicroelectronics STM32F405XX Datasheet HTML 92Page - STMicroelectronics STM32F405XX Datasheet HTML 93Page - STMicroelectronics STM32F405XX Datasheet HTML 94Page - STMicroelectronics STM32F405XX Datasheet HTML 95Page - STMicroelectronics STM32F405XX Datasheet HTML 96Page - STMicroelectronics STM32F405XX Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
93/154
5.3.18
TIM timer characteristics
The parameters given in Table 47 and Table 48 are guaranteed by design.
Refer to Section 5.3.16: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 47.
Characteristics of TIMx connected to the APB1 domain(1)(2)
1.
TIMx is used as a general term to refer to the TIM2, TIM3, TIM4, TIM5, TIM6, TIM7, and TIM12 timers.
2.
TBD stands for “to be defined”.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APB1
prescaler distinct
from 1, fTIMxCLK =
84 MHz
1-
tTIMxCLK
11.9
-
ns
AHB/APB1
prescaler = 1,
fTIMxCLK = 42 MHz
1-
tTIMxCLK
23.8
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
fTIMxCLK = 84 MHz
APB1= 42 MHz
0
fTIMxCLK/2
MHz
042
MHz
ResTIM
Timer resolution
-
16/32
bit
tCOUNTER
16-bit counter clock period
when internal clock is
selected
1
65536
tTIMxCLK
0.0119
TBD
µs
32-bit counter clock period
when internal clock is
selected
1-
tTIMxCLK
0.0119
TBD
µs
tMAX_COUNT Maximum possible count
-
65536 × 65536
tTIMxCLK
-TBD
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com