Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CU4032K14AUTOG2 Datasheet(PDF) 9 Page - EPCOS

Part # CU4032K14AUTOG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K14AUTOG2 Datasheet(HTML) 9 Page - EPCOS

Back Button CU4032K14AUTOG2 Datasheet HTML 5Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 6Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 7Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 8Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 9Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 10Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 11Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 12Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Part orientation in tape pocket for blister tape
For discrete chip, case sizes 0603, 0805,
1206, 1210, 1812 and 2220
For array, case sizes 0612
For arrays 0506 and 1012
For filter array, case size 0508
Additional taping information
Reel material
Polystyrol (PS)
Tape material
Polystyrol (PS) or Polycarbonat (PC) or PVC
Tape break force
min. 10 N
Top cover tape strength
min. 10 N
Top cover tape peel force
0.2 to 0.6 N for 8-mm tape and 0.2 to 0.8 N for
12-mm tape at a peel speed of 300 mm/min
Tape peel angle
Angle between top cover tape and the direction of feed
during peel off: 165
° to 180°
Cavity play
Each part rests in the cavity so that the angle between
the part and cavity center line is no more than 20
°
SMD disk varistors (CU varistors)
Automotive series
Page 9 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com