Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC704LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC704LP4E
Description  8 GHz fractionaL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC704LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC704LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
5 - 9
HMC704LP4E
v02.0411
8 GHz fractionaL-n PLL
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
table 3. absolute Maximum ratings
Parameter
Rating
AVDD or DVDD to GND
-0.3V to +3.6V
AVDD to DVDD
-0.5V to +0.5V
VDDLs, VPPCP
-0.3V to +5.2V
VCOIN, VCOIP single Ended DC
VCCHF-0.2V
VCOIN, VCOIP Differential DC
5.2V
VCOIN, VCOIP single Ended AC 50Ohm
+7 dBm
VCOIN, VCOIP Differential AC 50Ohm
+13 dBm
Digital Load
1kOhm min
Digital Input 1.4V to 1.7V min rise time
20nsec
Digital Input Voltage Range
-0.25 to DVDD+0,5V
Thermal Resistance (Jxn to Gnd Paddle)
25 0C/W
Operating Temperature Range
-40 OC to +85 OC
storage Temperature Range
-65 OC to + 125 OC
Maximum Junction Temperature
+125 OC
Reflow soldering
Peak Temperature
260 OC
Time at Peak Temperature
40sec
EsD sensitivity HBM
Class 1B
stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com