Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC704LP4E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC704LP4E
Description  8 GHz fractionaL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC704LP4E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC704LP4E Datasheet HTML 17Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 18Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 19Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 20Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 21Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 22Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 23Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 24Page - Hittite Microwave Corporation HMC704LP4E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
5 - 21
HMC704LP4E
v02.0411
8 GHz fractionaL-n PLL
For price, delivery, and to place orders: Hittite Microwave Corporation,20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
With this simplification the total integrated VCO phase noise,
2
ν
Φ , in rads2 is given by
where
( )
2
0
f
Φ
is the single sideband phase noise in rads2/Hz inside the loop bandwidth, and
B is the 3dB corner frequency of the closed loop PLL
The integrated phase noise at the phase detector,
, is just scaled by N2 ie.
The rms phase jitter of the VCO (
) in rads, is just the square root of the phase noise integral.
since the simple integral of (EQ 5) is just a product of constants, we can easily do the integral in the log domain. For
example if the phase noise inside the loop is -110dBc/Hz at 10kHz offset and the loop bandwidth is 100kHz, and the di-
vision ratio is 100, then the integrated phase noise at the phase detector, in dB, is given by;
, or equivalently
95
20
10
−
Φ =
= 18urads = 1 milli-degrees
rms.
While the phase noise reduces by a factor of 20logN after division to the reference, due to the increased period of the
PD reference signal, the jitter is constant.
The rms jitter from the phase noise is then given by
2
jpn
pd
pd
T
T
π
=
Φ
In this example if the PD reference was 50MHz, Tpd = 20nsec, and hence Tjpn = 56 femto-sec.
PD Window Based Lock Detect
Lock Detect Enable “Reg 0Bh”[3]=1 is a global enable for all lock detect functions.
The window based Lock Detect circuit effectively measures the difference between the arrival of the reference and the
divided VCO signals at the PD. The arrival time difference must consistently be less than the Lock Detect window
length, to declare lock. Either signal may arrive first, only the difference in arrival times is counted.
φ
2 f
o
( )
fo
B
φ
2 f()
r2 Hz
⁄
ф(t)
фrms
Figure 30. Synthesizer Phase Noise and Jitter
(EQ 5)
( )
2
2
0
f B
ν
π
Φ = Φ
2
pd
Φ
2
2
2
pd
N
ν
Φ
Φ =
v
Φ
( )
(
)
2
2
2
0
10log
= -110 + 5 +50 - 40 = -95 dBrads
pddB
f
N
Φ
=
Φ
βπ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com