Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC750LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 6
Outline Drawing
part number
package Body material
lead finish
msl rating
package marking [3]
HmC750lp4
low stress injection molded plastic
sn/pb solder
msl1
[1]
H750
XXXX
HmC750lp4e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
H750
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
nOtes:
1. leaDframe material: COpper allOY
2. DimensiOns are in inCHes [millimeters].
3. leaD spaCing tOleranCe is nOn-CUmUlatiVe
4. paD BUrr lengtH sHall Be 0.15mm maXimUm.
paD BUrr HeigHt sHall Be 0.05mm maXimUm.
5. paCKage Warp sHall nOt eXCeeD 0.05mm.
6. all grOUnD leaDs anD grOUnD paDDle mUst Be sOlDereD tO pCB rf grOUnD.
7. refer tO HmC appliCatiOn nOte fOr sUggesteD pCB lanD pattern.
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com