Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC750LP4 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 10
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER
Application Information
Setting the output swing using external resistor Rc
the HmC750lp4e features output swing level adjustment by using VC1 pin. Output swing can be adjusted to the
desired level by applying a DC voltage to VC1 pin. Differential output swing vs. control voltage relationship is given in
the plot below.
Differential Output vs. Control Voltage
0
200
400
600
800
1000
1200
2.1
2.3
2.5
2.7
2.9
3.1
+25C
+85C
-40C
CONTROL VOLTAGE VC1 (V)
in order to adjust the DC voltage on VC1 pin a resistor, rc (r7 in application circuit), should be connected between
VC1 pin and VCC as shown in the figure below.
the value of the resistor can be chosen using the following equation as a function of VC1. VC1 DC voltage value can
be chosen by using the plot given above.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com