Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSL2161 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MSL2161
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2161 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MSL2161 Datasheet HTML 9Page - ATMEL Corporation MSL2161 Datasheet HTML 10Page - ATMEL Corporation MSL2161 Datasheet HTML 11Page - ATMEL Corporation MSL2161 Datasheet HTML 12Page - ATMEL Corporation MSL2161 Datasheet HTML 13Page - ATMEL Corporation MSL2161 Datasheet HTML 14Page - ATMEL Corporation MSL2161 Datasheet HTML 15Page - ATMEL Corporation MSL2161 Datasheet HTML 16Page - ATMEL Corporation MSL2161 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Atmel LED Drivers-MSL2160/MSL2161
PIN
PIN NAME
PIN DESCRIPTION
MSL2161
MSL2160
57
D1
D1
Drain sense input 1
Drain sense input for external MOSFET 1.
Connect D1 through a 10MΩ resistor to the drain of the external MOSFET driving LED string 1.
If unused, connect D1 to ground.
58
S2
S2
Source sense input 2
Source sense input for external MOSFET 2.
Connect S2 to the source of the external MOSFET and to the current sense resistor for LED string 2.
The full-scale LED current threshold is reached when 500mV is across the current sense resistor.
If unused, connect S2 to ground.
59
G2
G2
Gate output 2
Gate drive output for external MOSFET 2.
Connect G2 to the gate of the external MOSFET driving LED string 2.
If unused, leave G2 unconnected.
60
D2
D2
Drain sense input 2
Drain sense input for external MOSFET 2.
Connect D2 through a 10MΩ resistor to the drain of the external MOSFET driving LED string 2.
If unused, connect D2 to ground.
61
S3
S3
Source sense input 3
Source sense input for external MOSFET 3.
Connect S3 to the source of the external MOSFET and to the current sense resistor for LED string 3.
The full-scale LED current threshold is reached when 500mV is across the current sense resistor.
If unused, connect S3 to ground.
62
G3
G3
Gate output 3
Gate drive output for external MOSFET 3.
Connect G3 to the gate of the external MOSFET driving LED string 3.
If unused, leave G3 unconnected.
63
D3
D3
Drain sense input 3
Drain sense input for external MOSFET 3.
Connect D3 through a 10MΩ resistor to the drain of the external MOSFET driving LED string 3.
If unused, connect D3 to ground.
64
S4
S4
Source sense input 4
Source sense input for external MOSFET 4.
Connect S4 to the source of the external MOSFET and to the current sense resistor for LED string 4.
The full-scale LED current threshold is reached when 500mV is across the current sense resistor.
If unused, connect S4 to ground.
EP
EP
EP
Exposed pad, power ground
EP is the thermal relief pad for the device.
Connect EP to system ground and GND using short, wide traces.
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com