Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSL2161 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL2161
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2161 Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL2161 Datasheet HTML 1Page - ATMEL Corporation MSL2161 Datasheet HTML 2Page - ATMEL Corporation MSL2161 Datasheet HTML 3Page - ATMEL Corporation MSL2161 Datasheet HTML 4Page - ATMEL Corporation MSL2161 Datasheet HTML 5Page - ATMEL Corporation MSL2161 Datasheet HTML 6Page - ATMEL Corporation MSL2161 Datasheet HTML 7Page - ATMEL Corporation MSL2161 Datasheet HTML 8Page - ATMEL Corporation MSL2161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Atmel LED Drivers-MSL2160/MSL2161
The MSL2160 features a 20MHz SPI bus, and the MSL2161 offers a 1MHz
I2C serial interface. Both interfaces support video frame-by-frame LED string
intensity control for up to eight interconnected devices, allowing active area
dimming and phase shifted PWM dimming for improved performance. Both
devices include an advanced PWM engine that synchronizes PWM dimming
to the video signal for reduced motion blur and waterfall noise.
The MSL2160/1 adaptively controls the DC-DC converters that power the
LED strings using Atmel's Adaptive SourcePower™ technology. This scheme
optimizes power consumption without sacrificing LED current accuracy.
Peak LED string currents are set using current sense resistors, and global
string current is adjustable with 8-bit control. Global string drive pulse width
is adjusted with an 8-bit global intensity register, and individual string pulse
width is modulated with 12-bit control.
The MSL2160/1 monitors the LED strings for open circuit, short circuit, loss-
of-sync, and over-temperature faults, and provide a hardware fault output
to notify the MCU. Detailed fault status and control are available through the
serial interface. Additionally, the MSL2160/1 includes an on-chip EEPROM
that allows the power-up defaults to be customized via the serial interface.
The MSL2160/1 are offered in 9 x 9 x 0.85mm, 64-pin TQFN packages and
operate over a -40°C to +105°C temperature range.
Applications
Long Life, Efficient LED Backlighting for:
• Televisions and Desktop Monitors
• Medical and Industrial Instrumentation
• Automotive Audio-visual Displays
Channel Signs
Architectural Lighting
General Description
The Atmel® LED Drivers-
MSL2160 and MSL2161
compact, high-power LED
string drivers use external
current control MOSFETs to
sink up to 350mA per string,
with current accuracy and
matching better than 1.5%.
The MSL2160/1 drive 16
parallel strings of LEDs, and
offer fault detection and
management of open and
short circuit LEDs.
Ordering Information
16-CHANNEL LED STRING DRIVERS
PART
INTERFACE
PACKAGE
MSL2160DQ
SPI
64-pin, 9 x 9 x 0.85mm TQFN
MSL2161DQ
I2C
64-pin, 9 x 9 x 0.85mm TQFN
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com