Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

705-5202-21 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  705-5202-21 Datasheet HTML 1Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 2Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 3Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Eclipse
®
Enhanced Model 705
Guided Wave Radar
Level Transmitter
A P P L I C A T I O N S
MEDIA: Liquids or slurries; hydrocarbons to water-based
media (dielectric 1.4 - 100).
VESSELS: Most process or storage vessels up to rated
probe temperature and pressure.
CONDITIONS: All level measurement and control appli-
cations including process conditions exhibiting visible
vapors, foam, surface agitation, bubbling or boiling, high
fill/empty rates, low level and varying dielectric media or
specific gravity.
Download your free copy of the Eclipse 705 performance
reports by WIB/Evaluation International (SIREP)/EXERA
from magnetrol.com.
Measures Level, Volume, and Interface
D E S C R I P T I O N
The Enhanced Eclipse Model 705 Transmitter is a loop-
powered, 24 VDC liquid-level transmitter based on the
revolutionary Guided Wave Radar (GWR) technology.
Encompassing
a
number
of
significant
engineering
accomplishments, this leading-edge level transmitter is
designed
to
provide
measurement
performance
well
beyond that of many traditional technologies, as well as
“through-air” radar.
The innovative enclosure is a first in the industry, orient-
ing dual compartments (wiring and electronics) in the
same plane, and angled to maximize ease of wiring, con-
figuration, and data display.
One universal transmitter can be used with all probe
types and offers enhanced reliability for use in SIL 2
hardware systems.
Eclipse supports the FDT/DTM standard and, with the
PACTwareFrame Program, allows for additional config-
uration and trending flexibility.
F E A T U R E S
“TRUE LEVEL” measurement—not affected by media
characteristics (e.g., dielectrics, pressure, density, pH,
viscosity, etc.)
Two-wire, 24 VDC loop-powered transmitter for
level, interface, or volume.
20-point custom strapping table for volumetric
output.
360° rotatable housing can be dismantled without
depressurizing the vessel.
Two-line, 8-character LCD and 3-button keypad.
Probe designs: up to +800° F / 6250 psi (+430° C /
430 bar).
Saturated steam applications up to 2250 psi @
+650° F (155 bar @ +345° C).
Cryogenic applications down to -320° F (-196° C).
Integral or remote electronics (up to 12 feet (3.6 m)).
Suited for SIL 1 or SIL 2 Loops (full FMEDA report
available).
SIL 2


Similar Part No. - 705-5202-21

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
705-52-A-321 MAGNETROL-705-52-A-321 Datasheet
923Kb / 52P
Enhanced Model 705 with PROFIBUS PA??Digital Output
More results

Similar Description - 705-5202-21

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
GuidedWave Radar Level Transmitter
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-110 MAGNETROL-705-5100-110 Datasheet
1Mb / 68P
Enhanced Model 705
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
705-5100-F21 MAGNETROL-705-5100-F21 Datasheet
923Kb / 52P
Enhanced Model 705 with PROFIBUS PA??Digital Output
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
Model R82 Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com