Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7L2103 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7L2103
Description  Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L2103 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7L2103 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev. 1.00
5
November 04, 2011
HT7L2103
Application Information
Operation Overview
TheHT7L2013isahighlyfunctionallyintegrated
PWMcontrollerforLEDlightingandisoptimizedto
restrictEMI.Thedeviceusesaprimarysidefeedback
designwithconstantcurrentcontroltoreduceexternal
componentrequirementsandtomaintaincurrent
accuracy.ItisrecommendedforE27retrofitlamp
use.ThePWMdimmingrangeis1%to99%and
provideslessthan1%dimmingprecision.Itsinternal
featuresincludeGreenmode(Non-Acoustic-Noise),
internalslopecompensation,highefficiencyunder
differentloadconditionswithinawideoperating
temperaturerangeof-40°Cto85°C.Thedevices
alsoincludesarangeofprotectionfunctions,SCP,
OVP,UVLO,currentlimit,LEB,softstart,OTPfor
internalthermalsensing,notonlyenhancesystem
excellentperformance,butalsoensurehighstability
ofthewholecircuitapplicationevenunderextreme
environmentalconditionssuchashightemperatureor
highEMIlevels.
Advanced Precision Oscillator for
Green-Mode Switching and Non-Acoustic
Noise Requirement
ATrimmed Precision Green Mode Oscillator is
implementedinthedevicetoenhancetheconversion
efficiencyunderlightloadconditions.AsFigure7
shows,theefficiencydifferencebetweenlightloads
andheavyloadsislessthan1%,whiletheaverage
efficiencyisonly89.5%,thepeakefficiencyis90%.
Figure 7 Efficiency Performance between
Light-Load and Heavy-Load
TheGreenModeOscillatortypessuppliedbyother
PWMControllerprovidersareplaguedbyAcoustic-
Noiseproblems.Thisisbecause,underlightload
conditions, the frequency will keep decreasing
throughtheHumanAcousticRange(from20Hz
to20kHz),andtheseaudiofrequenciesmaycreate
audiblenoiseinthetransformer.Holtek’sHT7L2103
patentedGreenModeOscillatordesignedusingan
advancedNon-AcousticNoisestructureprevents
thegenerationoffrequenciesintheaudiofrequency
band,thuseliminatinganytransformernoise.
Figure 8. Oscillator Behavior Compared with
HT7L2103 and Other Green Mode PWM Controller
Frequency Jitter for EMI Restriction
EMIrestrictionisaccomplishedusingaFrequency
Jitterfunction,whichspreadstheenergyoverawider
frequencyrangethanthebandwidthmeasuredby
theEMItestequipment.AninternalFrequencyJitter
circuitchangestheswitchingfrequencybetween+4%
and-4%ofthecentralfrequencywithaperiodof
4ms.
Figure 9 Frequency Jitter Function Spreads Energy
Over a Period to Accomplish EMI Restraining



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com