Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7L2103 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7L2103
Description  Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L2103 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7L2103 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev. 1.00
6
November 04, 2011
HT7L2103
Under Voltage Lockout (UVLO)
AnUVLOcomparatorisimplementedintoensure
thatthedeviceisfullyfunctionalbeforetheoutput
stageisenabled.AsshowninFig.10,ahysteresis
isprovidedtopreventthePWMControllerfrom
shuttingdownduringanyvoltagedipswhichmight
occurduringstartupprocess.Theturn-onandturn-
off threshold levels are set at 16.0V and 10.0V,
respectively.
Figure 10. UVLO Scheme and Start-Up Current
Current Sense and Leading-Edge
Blanking (LEB)
ALeading-EdgeBlankingSchemeisintegratedin
thedevicetopreventfalsetriggeringduetofeedback
currentspikeswhichmayappearontheCSpin,
furthereliminatingtheneedforanR-Cfilterwhich
isalwaysarequirementintraditionalcurrentmode
PWMControllerapplications.
Figure 11. LEB with R-C Filter Removed
Internal Slope-Compensation
Animportantissuewiththecurrentmodecontrol
structuresistheinstabilityduetoSub-Harmonic
OscillationwhentheDuty-Cycle>50%.Toprevent
thisproblemfromoccurring,aSlope-Compensation
functionisalwaysnecessary.Intraditionalcurrent
modePWMControllerapplication,manyexternal
componentsarenecessarytoimplementaSlope-
Compensationfunction,HoweverintheHT7L2103
theinternalSlope-Compensationeliminatestheneed
fortheseexternalcomponentsresultinginasimplified
theapplicationcircuitdesign.
Short-Circuit Protection (SCP) and
Over-Load Protection (OLP)
Toprotectallthedevicesinasystemfrombeing
damagedduetooverloadorshortcircuitconditions,
asmartSCPfunctionisimplementedinthedevice.
Herethefeedbacksystemwillforcethevoltageloop
tomovetowardasaturationvalueandthenpullup
thevoltageontheCOMPpin.WhenevertheVCOMP
increasestotheSCPthresholdof4.7Vandremains
thereforlongerthan40ms,theprotectionschemewill
activateandthenturnoffthegateoutputtostopthe
powercircuitswitching.Byusingsuchaprotection
mechanism,theaverageinputpowercanbereduced
toaverylowlevelsothatthecomponenttemperature
andstresscanbecontrolledwithinsafeoperating
levels.
Figure 12. SCP Function Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com