Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF4002 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF4002
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4002 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF4002 Datasheet HTML 1Page - Vishay Siliconix SF4002 Datasheet HTML 2Page - Vishay Siliconix SF4002 Datasheet HTML 3Page - Vishay Siliconix SF4002 Datasheet HTML 4Page - Vishay Siliconix SF4002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF4001, SF4002, SF4003, SF4004, SF4005, SF4006, SF4007
Vishay Semiconductors
Ultra-Fast Avalanche Sinterglass
Diode
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86060
88
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.8, 04-Aug-10
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A
SF4001
VF
--
1
V
SF4002
VF
--
1
V
SF4003
VF
--
1
V
SF4004
VF
--
1
V
SF4005
VF
--
1.7
V
SF4006
VF
--
1.7
V
SF4007
VF
--
1.7
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 125 °C
IR
-
-
50
μA
Reverse breakdown voltage
IR = 100 μA
SF4001
V(BR)R
50
-
-
V
SF4002
V(BR)R
100
-
-
V
SF4003
V(BR)R
200
-
-
V
SF4004
V(BR)R
400
-
-
V
SF4005
V(BR)R
600
-
-
V
SF4006
V(BR)R
800
-
-
V
SF4007
V(BR)R
1000
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
SF4001
trr
-
-
50
ns
SF4002
trr
-
-
50
ns
SF4003
trr
-
-
50
ns
SF4004
trr
-
-
50
ns
SF4005
trr
-
-
75
ns
SF4006
trr
-
-
75
ns
SF4007
trr
-
-
75
ns
0
20
40
80
60
100
120
15
10
5
0
202530
l - Lead Length (mm)
949552
ll
T
L = constant
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
96 12130
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 100 K/W
PC board
SF4001 to SF4004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com