Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF4002 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SF4002
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4002 Datasheet(HTML) 3 Page - Vishay Siliconix

  SF4002 Datasheet HTML 1Page - Vishay Siliconix SF4002 Datasheet HTML 2Page - Vishay Siliconix SF4002 Datasheet HTML 3Page - Vishay Siliconix SF4002 Datasheet HTML 4Page - Vishay Siliconix SF4002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF4001, SF4002, SF4003, SF4004, SF4005, SF4006, SF4007
Ultra-Fast Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86060
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.8, 04-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
89
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Average Forward Current vs. Ambient Temperature
Fig. 5 - Max. Average Forward Current vs. Ambient Temperature
Fig. 6 - Max. Forward Current vs. Forward Voltage
Fig. 7 - Max. Forward Current vs. Forward Voltage
Fig. 8 - Max. Reverse Current vs. Junction Temperature
96 12131
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 100 K/W
PC board
SF4005 to SF4007
96 12052
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 45 K/W
l = 10 mm
SF4001 to SF4004
96 12053
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 45 K/W
l = 10 mm
SF4005 to SF4007
0.001
0.01
0.1
1
10
0.0
0.4
0.8
1.2
1.6
2.0
VF - Forward Voltage (V)
96 12048
T
j = 175 °C
SF4001 to SF4004
T
j = 25 °C
0.001
0.01
0.1
1
10
0.0
0.8
1.6
2.4
3.2
4.0
VF - Forward Voltage (V)
96 12050
T
j = 175 °C
SF4005 to SF4007
T
j = 25 °C
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
96 12056
SF4001 to SF4007
V
R = VRRM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com