Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97649AIRTZ-EVALZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL97649AIRTZ-EVALZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRTZ-EVALZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL97649AIRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL97649A
10
FN7928.0
December 5, 2011
FIGURE 7. GPM CIRCUIT WAVEFORM
FIGURE 8. GPM CIRCUIT WAVEFORM
FIGURE 9. VGHM FOLLOWS VGH WHEN THE SYSTEM POWERS OFF
FIGURE 10. VCOM RISING SLEW RATE
FIGURE 11. LDO LINE REGULATION vs VIN
FIGURE 12. LDO LOAD REGULATION vs ILDO
Typical Performance Curves (Continued)
CE = 10pF, RE = 50k
VGHM
CE = 10pF, RE = 150k
VGHM
VGHM
2.4836
2.4838
2.4840
2.4842
2.4844
2.4846
2.4848
2.4850
2.4852
2.4854
3.0
3.5
4.0
4.5
5.0
5.5
VLDO_IN (V)
ILDO = 1mA
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0
50
100
150
200
250
300
350
ILDO (mA)
VLDO = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com