Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97649AIRTZ-EVALZ Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL97649AIRTZ-EVALZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRTZ-EVALZ Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL97649AIRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 14Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 15Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 16Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 17Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 18Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 19Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ISL97649A
20
FN7928.0
December 5, 2011
Package Outline Drawing
L28.4x5A
28 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 06/08
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
4.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
23
PIN #1 INDEX AREA
28
2.50
24X 0.50
Exp. DAP
8
1
22
14
28X 0.400
9
6
3.50
Max 0.90
SEE DETAIL "X"
SEATING PLANE
0.08
0.10
C
C
C
( 4.80 )
( 3.50 )
( 28 X 0.60)
(28X .250)
( 24X 0.50)
( 3.80 )
( 2.50)
2.50
0.10
28X 0.25
A
MC
B
4
3.50
Exp. DAP
15
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
SIDE VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com