Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32BVZPAP Datasheet(PDF) 18 Page - Winbond

Part # W25Q32BVZPAP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32BVZPAP Datasheet(HTML) 18 Page - Winbond

Back Button W25Q32BVZPAP Datasheet HTML 14Page - Winbond W25Q32BVZPAP Datasheet HTML 15Page - Winbond W25Q32BVZPAP Datasheet HTML 16Page - Winbond W25Q32BVZPAP Datasheet HTML 17Page - Winbond W25Q32BVZPAP Datasheet HTML 18Page - Winbond W25Q32BVZPAP Datasheet HTML 19Page - Winbond W25Q32BVZPAP Datasheet HTML 20Page - Winbond W25Q32BVZPAP Datasheet HTML 21Page - Winbond W25Q32BVZPAP Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
W25Q32BV
- 18 -
7.1.12 Status Register Memory Protection (CMP = 1)
STATUS REGISTER(1)
W25Q32BV (32M-BIT) MEMORY PROTECTION(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION(2)
X
X
0
0
0
0 thru 63
000000h – 3FFFFFh
4MB
ALL
0
0
0
0
1
0 thru 62
000000h – 3EFFFFh
4,032KB
Lower 63/64
0
0
0
1
0
0 and 61
000000h – 3DFFFFh
3,968KB
Lower 31/32
0
0
0
1
1
0 thru 59
000000h – 3BFFFFh
3,840KB
Lower 15/16
0
0
1
0
0
0 thru 55
000000h – 37FFFFh
3,584KB
Lower 7/8
0
0
1
0
1
0 thru 47
000000h – 2FFFFFh
3MB
Lower 3/4
0
0
1
1
0
0 thru 31
000000h – 1FFFFFh
2MB
Lower 1/2
0
1
0
0
1
1 thru 63
010000h – 3FFFFFh
4,032KB
Upper 63/64
0
1
0
1
0
2 and 63
020000h – 3FFFFFh
3,968KB
Upper 31/32
0
1
0
1
1
4 thru 63
040000h – 3FFFFFh
3,840KB
Upper 15/16
0
1
1
0
0
8 thru 63
080000h – 3FFFFFh
3,584KB
Upper 7/8
0
1
1
0
1
16 thru 63
100000h – 3FFFFFh
3MB
Upper 3/4
0
1
1
1
0
32 thru 63
200000h – 3FFFFFh
2MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 thru 63
000000h – 3FEFFFh
4,092KB
L - 1023/1024
1
0
0
1
0
0 thru 63
000000h – 3FDFFFh
4,088KB
L - 511/512
1
0
0
1
1
0 thru 63
000000h – 3FBFFFh
4,080KB
L - 255/256
1
0
1
0
X
0 thru 63
000000h – 3F7FFFh
4,064KB
L - 127/128
1
1
0
0
1
0 thru 63
001000h – 3FFFFFh
4,092KB
U - 1023/1024
1
1
0
1
0
0 thru 63
002000h – 3FFFFFh
4,088KB
U - 511/512
1
1
0
1
1
0 thru 63
004000h – 3FFFFFh
4,080KB
U - 255/256
1
1
1
0
X
0 thru 63
008000h – 3FFFFFh
4,064KB
U - 127/128
Notes:
1. X = don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com