Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS302DL Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS302DL_08 Datasheet HTML 20Page - STMicroelectronics LIS302DL_08 Datasheet HTML 21Page - STMicroelectronics LIS302DL_08 Datasheet HTML 22Page - STMicroelectronics LIS302DL_08 Datasheet HTML 23Page - STMicroelectronics LIS302DL_08 Datasheet HTML 24Page - STMicroelectronics LIS302DL_08 Datasheet HTML 25Page - STMicroelectronics LIS302DL_08 Datasheet HTML 26Page - STMicroelectronics LIS302DL_08 Datasheet HTML 27Page - STMicroelectronics LIS302DL_08 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Register mapping
LIS302DL
24/42
6
Register mapping
The table given below provides a listing of the 8 bit registers embedded in the device and
the related address:
Table 16.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (Do not modify)
00-0E
Reserved
Who_Am_I
r
0F
000 1111 00111011
Dummy register
Reserved (Do not modify)
10-1F
Reserved
Ctrl_Reg1
rw
20
010 0000 00000111
Ctrl_Reg2
rw
21
010 0001 00000000
Ctrl_Reg3
rw
22
010 0010 00000000
HP_filter_reset
r
23
010 0011
dummy
Dummy register
Reserved (Do not modify)
24-26
Reserved
Status_Reg
r
27
010 0111 00000000
--
r
28
010 1000
Not Used
OutX
r
29
010 1001
output
--
r
2A
010 1010
Not Used
OutY
r
2B
010 1011
output
--
r
2C
010 1100
Not Used
OutZ
r
2D
010 1101
output
Reserved (Do not modify)
2E-2F
Reserved
FF_WU_CFG_1
rw
30
011 0000 00000000
FF_WU_SRC_1(ack1)
r
31
011 0001 00000000
FF_WU_THS_1
rw
32
011 0010 0000000x
FF_WU_DURATION_1
rw
33
011 0011 00000000
FF_WU_CFG_2
rw
34
011 0100 00000000
FF_WU_SRC_2 (ack2)
r
35
011 0101 00000000
FF_WU_THS_2
rw
36
011 0110 00000000
FF_WU_DURATION_2
rw
37
011 0111 00000000
CLICK_CFG
rw
38
011 1000 00000000
CLICK_SRC (ack)
r
39
011 1001 00000000
--
3A
Not Used
CLICK_THSY_X
rw
3B
011 1011 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com