Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS302DL Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS302DL_08 Datasheet HTML 30Page - STMicroelectronics LIS302DL_08 Datasheet HTML 31Page - STMicroelectronics LIS302DL_08 Datasheet HTML 32Page - STMicroelectronics LIS302DL_08 Datasheet HTML 33Page - STMicroelectronics LIS302DL_08 Datasheet HTML 34Page - STMicroelectronics LIS302DL_08 Datasheet HTML 35Page - STMicroelectronics LIS302DL_08 Datasheet HTML 36Page - STMicroelectronics LIS302DL_08 Datasheet HTML 37Page - STMicroelectronics LIS302DL_08 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Register description
LIS302DL
34/42
Duration register for Free-Fall/Wake-Up interrupt 2. Duration step and maximum value
depend on the ODR chosen. Step 2.5 msec, from 0 to 637.5 msec if ODR=400Hz, else step
10 msec, from 0 to 2.55 sec when ODR=100Hz. The counter used to implement duration
function is blocked when LIR=1 in configuration register and the interrupt event is verified.
7.18
CLICK_CFG (38h)
7.19
CLICK_SRC (39h)
Table 46.
FF_WU_DURATION_2 (37h) register description
D7-D0
Duration value. Default value: 0000 0000
Table 47.
CLICK_CFG (38h) register
-
LIR
Double_Z
Single_Z
Double_Y
Single_Y
Double_X
Single_X
Table 48.
CLICK_CFG (38h) register description
LIR
Latch interrupt request into CLICK_SRC reg with the CLICK_SRC reg
refreshed by reading CLICK_SRC reg. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
Double_Z
Enable interrupt generation on double click event on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Single_Z
Enable interrupt generation on single click event on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Double_Y
Enable interrupt generation on double click event on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Single_Y
Enable interrupt generation on single click event on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Double_X
Enable interrupt generation on double click event on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Single_X
Enable interrupt generation on single click event on X axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request)
Table 49.
CLICK_CFG (38h) truth table
Double_Z / Y / X
Single_Z / Y / X
Click output
00
0
01
Single
1
0
Double
1
1
Single or double
Table 50.
CLICK_SRC (39h) register
X
IA
Double_Z
Single_Z
Double_Y
Single_Y
Double_X
Single_X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com