Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL402 Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 116Page - Microchip Technology PIC24F08KL402 Datasheet HTML 117Page - Microchip Technology PIC24F08KL402 Datasheet HTML 118Page - Microchip Technology PIC24F08KL402 Datasheet HTML 119Page - Microchip Technology PIC24F08KL402 Datasheet HTML 120Page - Microchip Technology PIC24F08KL402 Datasheet HTML 121Page - Microchip Technology PIC24F08KL402 Datasheet HTML 122Page - Microchip Technology PIC24F08KL402 Datasheet HTML 123Page - Microchip Technology PIC24F08KL402 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 260 page
background image
PIC24F16KL402 FAMILY
DS31037B-page 120
 2011 Microchip Technology Inc.
REGISTER 14-1:
T3CON: TIMER3 CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
TMR3CS1
TMR3CS0
T3CKPS1
T3CKPS0
T3OSCEN
T3SYNC
—
TMR3ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented:
Read as ‘0’
bit 7-6
TMR3CS<1:0>:
Clock Source Select bits
11
= Low-Power RC Oscillator (LPRC)
10
= External clock source (selected by T3CON<3>)
01
= Instruction clock (FOSC/2)
00
= System clock (FOSC)(1)
bit 5-4
T3CKPS<1:0>
: Timer3 Input Clock Prescale Select bits
11
= 1:8 Prescale value
10
= 1:4 Prescale value
01
= 1:2 Prescale value
00
= 1:1 Prescale value
bit 3
T3OSCEN
: Timer Oscillator Enable bit
1
= SOSC (Secondary Oscillator) is used as a clock source
0
= T3CK digital input pin is used as a clock source
bit 2
T3SYNC:
External Clock Input Synchronization Control bit
When TMR3CS<1:0> = 1x:
1
= Do not synchronize the external clock input
0
= Synchronize the external clock input(2)
When TMR3CS<1:0> = 0x:
This bit is ignored; Timer3 uses the internal clock.
bit 1
Unimplemented:
Read as ‘0’
bit 0
TMR3ON:
Timer On bit
1
= Enables Timer
0
= Stops Timer
Note 1:
The FOSC clock source should not be selected if the timer will be used with the ECCP Capture or Compare
features.
2:
This option must be selected when the timer will be used with ECCP/CCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com