Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL402 Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 117Page - Microchip Technology PIC24F08KL402 Datasheet HTML 118Page - Microchip Technology PIC24F08KL402 Datasheet HTML 119Page - Microchip Technology PIC24F08KL402 Datasheet HTML 120Page - Microchip Technology PIC24F08KL402 Datasheet HTML 121Page - Microchip Technology PIC24F08KL402 Datasheet HTML 122Page - Microchip Technology PIC24F08KL402 Datasheet HTML 123Page - Microchip Technology PIC24F08KL402 Datasheet HTML 124Page - Microchip Technology PIC24F08KL402 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 260 page
background image
 2011 Microchip Technology Inc.
DS31037B-page 121
PIC24F16KL402 FAMILY
REGISTER 14-2:
T3GCON: TIMER3 GATE CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-x
R/W-0
R/W-0
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
T3DONE
T3GVAL
T3GSS1
T3GSS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented:
Read as ‘0’
bit 7
TMR3GE:
Timer Gate Enable bit
If TMR3ON = 0:
This bit is ignored.
If TMR3ON = 1:
1
= Timer counting is controlled by the Timer3 gate function
0
= Timer counts regardless of the Timer3 gate function
bit 6
T3GPOL:
Gate Polarity bit
1
= Timer gate is active-high (Timer3 counts when the gate is high)
0
= Timer gate is active-low (Timer3 counts when the gate is low)
bit 5
T3GTM:
Gate Toggle Mode bit
1
= Timer Gate Toggle mode is enabled.
0
= Timer Gate Toggle mode is disabled and toggle flip-flop is cleared
Timer3 gate flip-flop toggles on every rising edge.
bit 4
T3GSPM:
Timer Gate Single Pulse Mode bit
1
= Timer Gate Single Pulse mode is enabled and is controlling Timer3 gate
0
= Timer Gate Single Pulse mode is disabled
bit 3
T3GGO/T3DONE:
Timer Gate Single Pulse Acquisition Status bit
1
= Timer gate single pulse acquisition is ready, waiting for an edge
0
= Timer gate single pulse acquisition has completed or has not been started
This bit is automatically cleared when TxGSPM is cleared.
bit 2
T3GVAL:
Timer Gate Current State bit
Indicates the current state of the Timer gate that could be provided to the TMR3 register; unaffected by
the state of TMR3GE.
bit 1-0
T3GSS<1:0>:
Timer Gate Source Select bits
11
= Comparator 2 output
10
= Comparator 1 output
01
= TMR2 to match PR2 output
00
= T3G input pin
Note 1:
Initializing T3GCON prior to T3CON is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com