Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL302 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24F08KL302
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL302 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24F08KL302 Datasheet HTML 1Page - Microchip Technology PIC24F08KL302 Datasheet HTML 2Page - Microchip Technology PIC24F08KL302 Datasheet HTML 3Page - Microchip Technology PIC24F08KL302 Datasheet HTML 4Page - Microchip Technology PIC24F08KL302 Datasheet HTML 5Page - Microchip Technology PIC24F08KL302 Datasheet HTML 6Page - Microchip Technology PIC24F08KL302 Datasheet HTML 7Page - Microchip Technology PIC24F08KL302 Datasheet HTML 8Page - Microchip Technology PIC24F08KL302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 260 page
background image
 2011 Microchip Technology Inc.
DS31037B-page 1
PIC24F16KL402 FAMILY
Power Management Modes:
• Run – CPU, Flash, SRAM and Peripherals on
• Doze – CPU Clock Runs Slower than Peripherals
• Idle – CPU Off, SRAM and Peripherals on
• Sleep – CPU, Flash and Peripherals Off and SRAM on
• Low-Power Consumption:
- Run mode currents under 350 µA/MHz at 1.8V
- Idle mode currents under 80 µA/MHz at 1.8V
- Sleep mode currents as low as 30 nA at 25°C
- Watchdog Timer as low as 210 nA at 25°C
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator:
- 4x PLL option
- Multiple divide options
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set
Architecture (ISA):
- 76 base instructions
- Flexible addressing modes
• Linear Program Memory Addressing
• Linear Data Memory Addressing
• Two Address Generation Units (AGU) for Separate
Read and Write Addressing of Data Memory
Peripheral Features:
• High-Current Sink/Source (18 mA/18 mA) on All
I/O Pins
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to Three External Interrupt Sources
• Two 16-Bit Timer/Counters with Selectable Clock
Sources
• Up to Two 8-Bit Timers/Counters with Programmable
Prescalers
• Two Capture/Compare/PWM (CCP) modules:
- Modules automatically configure and drive I/O
- 16-bit Capture with max. resolution 40 ns
- 16-bit Compare with max. resolution 83.3 ns
- 1-bit to 10-bit PWM resolution
• Up to One Enhanced CCP module:
- Backward compatible with CCP
- 1, 2 or 4 PWM outputs
- Programmable dead time
- Auto-shutdown on external event
• Up to Two Master Synchronous Serial Port modules
(MSSPs) with Two Modes of Operation:
- 3-wire SPI (all four modes)
-I2C™ Master, Multi-Master and Slave modes and
7-Bit/10-Bit Addressing
• Up to Two UART modules:
- Supports RS-485, RS-232 and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Start bit
- Auto-Baud Detect (ABD)
- Two-byte transmit and receive FIFO buffers
Device
Pins
Memory
Peripherals
Flash
Program
(bytes)
Data
(bytes)
Data
EEPROM
(bytes)
PIC24F16KL402
28
16K
1024
512
12
2
2/2
2/1
2
2
Y
PIC24F08KL402
28
8K
1024
512
12
2
2/2
2/1
2
2
Y
PIC24F16KL401
20
16K
1024
512
12
2
2/2
2/1
2
2
Y
PIC24F08KL401
20
8K
1024
512
12
2
2/2
2/1
2
2
Y
PIC24F08KL302
28
8K
1024
256
—
2
2/2
2/1
2
2
Y
PIC24F08KL301
20
8K
1024
256
—
2
2/2
2/1
2
2
Y
PIC24F08KL201
20
8K
512
—
12
1
1/2
2/0
1
1
Y
PIC24F08KL200
14
8K
512
—
7
1
1/2
2/0
1
1
Y
PIC24F04KL101
20
4K
512
—
—
1
1/2
2/0
1
1
Y
PIC24F04KL100
14
4K
512
—
—
1
1/2
2/0
1
1
Y
Low-Power, Low-Cost, General Purpose
16-Bit Flash Microcontrollers with nanoWatt XLP Technology


Similar Part No. - PIC24F08KL302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
Flash Programming Specifications
2008
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC24F08KA101T-IMQ MICROCHIP-PIC24F08KA101T-IMQ Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers ??dsPIC짰 Digital Signal Controllers
10/28/13
PIC24F08KA102 MICROCHIP-PIC24F08KA102 Datasheet
727Kb / 48P
Flash Programming Specifications
2008
PIC24F08KA102 MICROCHIP-PIC24F08KA102 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results

Similar Description - PIC24F08KL302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-E MICROCHIP-PIC16F1509-E Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com