Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL302 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24F08KL302
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL302 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24F08KL302 Datasheet HTML 1Page - Microchip Technology PIC24F08KL302 Datasheet HTML 2Page - Microchip Technology PIC24F08KL302 Datasheet HTML 3Page - Microchip Technology PIC24F08KL302 Datasheet HTML 4Page - Microchip Technology PIC24F08KL302 Datasheet HTML 5Page - Microchip Technology PIC24F08KL302 Datasheet HTML 6Page - Microchip Technology PIC24F08KL302 Datasheet HTML 7Page - Microchip Technology PIC24F08KL302 Datasheet HTML 8Page - Microchip Technology PIC24F08KL302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 260 page
background image
PIC24F16KL402 FAMILY
DS31037B-page 2
 2011 Microchip Technology Inc.
Analog Features:
• 10-Bit, up to 12-Channel Analog-to-Digital (A/D)
Converter:
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Rail-to-Rail Analog Comparators with
Programmable Input/Output Configuration
• On-Chip Voltage Reference
Special Microcontroller Features:
• Operating Voltage Range of 1.8V to 3.6V
• 10,000 Erase/Write Cycle Endurance Flash Program
Memory, Typical
• 100,000 Erase/Write Cycle Endurance Data
EEPROM, Typical
• Flash and Data EEPROM Data Retention:
40 Years Minimum
• Self-Programmable under Software Control
• Programmable Reference Clock Output
• Fail-Safe Clock Monitor (FSCM) Operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT):
- Uses its own low-power RC oscillator
- Windowed operating modes
- Programmable period of 2 ms to 131s
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via 2 Pins
• Programmable High/Low-Voltage Detect (HLVD)
• Programmable Brown-out Reset (BOR):
- Configurable for software controlled operation and
shutdown in Sleep mode
- Selectable trip points (1.8V, 2.7V and 3.0V)
- Low-power 2.0V POR re-arm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com