Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F60 Datasheet(PDF) 148 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 148 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 145Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 146Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 147Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 148Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 152Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 242 page
background image
Rev. 1.50
148
March 06 , 2012
Rev. 1.50
149
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Analog to Digital Converter
The need to interface to real world analog signals is a common requirement for many electronic
systems. However, to properly process these signals by a microcontroller, they must first be
converted into digital signals by A/D converters. By integrating the A/D conversion electronic
circuitry into the microcontroller, the need for external components is reduced significantly with the
corresponding follow-on benefits of lower costs and reduced component space requirements.
A/D Overview
The devices contains a multi-channel analog to digital converter which can directly interface to
external analog signals, such as that from sensors or other control signals and convert these signals
directly into either a 12-bit digital value.
Part No.
Input
Channels
A/D Channel
Select Bits
Input Pins
HT67F30
HT67F40
HT67F50
8
ACS4,
ACS2~ACS0
AN0~AN7
HT67F60
12
ACS4, ACS3~ACS0
AN0~AN11
The accompanying block diagram shows the overall internal structure of the A/D converter, together
with its associated registers.
A/D Converter Register Description
Overall operation of the A/D converter is controlled using six registers. A read only register pair
exists to store the ADC data 12-bit value. The remaining three or four registers are control registers
which setup the operating and control function of the A/D converter.
Register
Name
Bit
7
6
5
4
3
2
1
0
ADRL(ADRFS=0)
D3
D2
D1
D0
—
—
—
—
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D2
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
—
—
—
—
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF ADRFS
—
ACS2
ACS1
ACS0
ADCR1
ACS4
V125EN
—
VREFS
—
ADCK2 ADCK1 ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
HT67F30/HT67F40/HT67F50 A/D Converter Register List
Register Name
Bit
7
6
5
4
3
2
1
0
ADRL(ADRFS=0)
D3
D2
D1
D0
—
—
—
—
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D2
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
—
—
—
—
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF ADRFS
ACS3
ACS2
ACS1
ACS0
ADCR1
ACS4
V125EN
—
VREFS
—
ADCK2 ADCK1 ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
ACERH
—
—
—
—
ACE11
ACE10
ACE9
ACE8
HT67F60 A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com