Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F60 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 242 page
background image
Rev. 1.50
26
March 06 , 2012
Rev. 1.50
27
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR1
Low Voltage Reset
Voltage
—
LVR Enable, 2.1V option
-5%×
Typ.
2.1
+5%×
Typ.
V
VLVR2
LVR Enable, 2.55V option
2.55
V
VLVR3
LVR Enable, 3.15V option
3.15
V
VLVR4
LVR Enable, 4.2V option
4.2
V
ILVR
Low Voltage Reset
Current
— LVR Enable, LVDEN=0
—
20
30
μA
VLVD1
Low Voltage
Detector Voltage
—
LVDEN = 1, VLVD = 2.0V
-5%×
Typ.
2.0
+5%×
Typ.
V
VLVD2
LVDEN = 1, VLVD = 2.2V
2.2
V
VLVD3
LVDEN = 1, VLVD = 2.4V
2.4
V
VLVD4
LVDEN = 1, VLVD = 2.7V
2.7
V
VLVD5
LVDEN = 1, VLVD = 3.0V
3.0
V
VLVD6
LVDEN = 1, VLVD = 3.3V
3.3
V
VLVD7
LVDEN = 1, VLVD = 3.6V
3.6
V
VLVD8
LVDEN = 1, VLVD = 4.4V
4.4
V
ILVD1
Low Voltage
Detector Current
—
LVR disable, LVDEN = 1
—
20
30
μA
ILVD2
LVR enable, LVDEN = 1
—
30
45
μA
IOL
I/O Port Sink
Current
3V VOL=0.1VDD
4
8
—
mA
5V VOL=0.1VDD
10
20
—
mA
IOH
I/O Port, Source
Current
3V VOH=0.9VDD
-2
-4
—
mA
5V VOH=0.9VDD
-5
-10
—
mA
RPH
Pull-high
Resistance of I/O
Ports
3V
—
20
60
100
kΩ
5V
—
10
30
50
kΩ
AVDD
Analog operating
voltage
— VREF=AVDD
2.7
—
5.5
V
VBG
Bandgap reference
with buffer voltage
—
—
-3%×
Typ.
1.19
+3%×
Typ.
V
IBG
Bandgap reference
with buffer driving
current
—
VBG is used, LVR disable,
LVDEN=0
(OPA enabled)
—
200
400
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com