Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F60 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 242 page
background image
Rev. 1.50
30
March 06 , 2012
Rev. 1.50
31
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
LCD D.C. Characteristics
Ta=25°C
Symbol
Parameter
VDD
Condition
Min.
Typ.
Max.
Unit
ISTB1
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, C type
VLCD=VDD,
1/2 Bias,
—
6
10
µA
5
—
10
15
µA
ISTB2
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, C type
VLCD= VDD,
1/3 Bias,
—
6
10
µA
5
—
10
15
µA
ISTB3
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/2 bias(IBIAS =7.5µA)
—
13.5
20
µA
5
—
22.5
40
µA
ISTB4
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/2 bias(IBIAS =15µA)
—
21
40
µA
5
—
35
60
µA
ISTB5
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/2 bias(IBIAS =45µA)
—
51
80
µA
5
—
85
160
µA
ISTB6
Standby Current (Idle)
(fSYS, fWDT off, *fs= fSUB =
%
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/2 bias(IBIAS =90µA)
—
96
160
µA
5
—
160
320
µA
ISTB7
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/3 bias(IBIAS =7.5µA)
—
11
20
µA
5
—
18.3
40
µA
ISTB8
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/3 bias(IBIAS =15µA)
—
16
25
µA
5
—
26.6
50
µA
ISTB9
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB =
32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/3 bias(IBIAS =45µA)
—
36
50
µA
5
—
60
100
µA
ISTB10
Standby Current (Idle)
(fSYS, fWDT off, fs= fSUB
=32768 or 32K RC OSC)
3
No load, system HALT,
LCD on, WDT off, R type
VLCD=VDD,
1/3 bias(IBIAS =90µA)
—
66
100
µA
5
—
110
200
µA
IOL2
LCD Common and
Segment Sink Current
3
VOL=0.1VLCD
210
420
—
µA
5
350
700
—
µA
IOH2
LCD Common and
Segment Source Current
3
VOH=0.9VLCD
-80
-160
—
µA
5
-180
-360
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com