Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS2268 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2268
Description  Primary Side AC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2268 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2268 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
WS2268
Steady, keep for your advance
ESD Information
Symbol
Parameter
Value
Unit
VESD_HBM
Human model
2000
V
VESD_MM
Machine model
400
V
Ordering Information
Package
IC marking information
Purchasing device name
8 Pin SOP8, Pb-free
WS2268SP
WS2268



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com