Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS2268 Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2268
Description  Primary Side AC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2268 Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2268 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
WS2268
Steady, keep for your advance
3
4
=
Toffs
Tons
The relationship between the output constant-current Iout
and secondary peak current Ipks is given by:
Toffs
Tons
Tons
Ipks
Iout
+
×
×
=
2
1
At the instant of D1 turn-on, the primary current transfers to
the secondary at an amplitude of:
Ipk
Ns
Np
Ipks
×
=
Thus the output constant-current is given by:
Ipk
Ns
Np
Toffs
Tons
Tons
Ipk
Ns
Np
Iout
×
×
=
+
×
×
×
=
7
2
2
1
5. Leading Edge Blanking
When the power switch is turned on, a turn-on spike will
occur on the sense-resistor. To avoid false-termination of the
switching pulse, a 430ns leading-edge blanking is built in.
During this blanking period, the current sense comparator is
disabled and the gate driver can not be switched off.
6. CCM Protection
The WS2268 is designed to operate in discontinuous
conduction mode (DCM) in both CV and CC modes. To
avoid operating in continuous conduction mode (CCM),
the WS2268 detects the falling edge of the U input
voltage on each cycle. If a 0.1V falling edge of U is not
detected, the WS2268 will stop switching.
7. OVP & OCkP
WS2268 include output over-voltage protection (OVP)
and open circuit protection (OckP) circuitry. If the voltage
at U pin exceeds 8V, 100% above the normal detection
voltage, or the -1V falling edge of U input can not be
monitored, the WS2268 will immediately shut off and
enter hiccup mode. The WS2268 sends out a fault
detection pulse every 19ms in hiccup mode until the fault
has been removed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com