Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHP-B05MLG Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EHP-B05MLG
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-B05MLG Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EHP-B05MLG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
1
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Introduction
B05 series to be a high power, multi-chip device with very low
thermal resistance as a result of the PCB substrate. The series
is a surface-mount high-power device featuring high brightness
that is suitable for all kinds of lighting applications such as
general illumination, spot, signal, industrial and commercial lighting.
Features
Applications
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 3
RoHS compliant
Matches ANSI binning
Reliability testing conforms to IESNA
LM80 Lumen maintenance test method
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g. steps,
exit ways, etc.)
Agriculture Lighting
EHP-B05 series


Similar Part No. - EHP-B05MLG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05 Datasheet
1Mb / 27P
Robust package with high lumens
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
More results

Similar Description - EHP-B05MLG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
High Power COB & High CRI LED
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
Available in outdoor white and 70-, 80- and 90-CRI white
Rev 0E
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
White ??high CRI
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
1W High CRI Power LED
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
3W High CRI Power LED
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
5W High CRI Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com