Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHP-B05MLG Datasheet(PDF) 13 Page - Everlight Electronics Co., Ltd

Part # EHP-B05MLG
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-B05MLG Datasheet(HTML) 13 Page - Everlight Electronics Co., Ltd

Back Button EHP-B05MLG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 11Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 12Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 13Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 14Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 15Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 16Page - Everlight Electronics Co., Ltd EHP-B05MLG Datasheet HTML 17Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
13 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Dimensions
Notes.
1.
Dimensions are in millimeters.
2.
Tolerances for fixed dimensions are ± 0.25mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com