Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10RF8AFP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 46Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 47Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 48Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 49Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 50Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 51Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 52Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 53Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 50 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(7) Communication at different potential (2.5 V, 3 V)
(CSI mode) (slave mode, SCKp... external clock input)
(TA =
−40 to +85°C, 1.8 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
20 MHz < fMCK
≤ 24 MHz
12/fMCK
ns
8 MHz < fMCK
≤ 20 MHz
10/fMCK
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
ns
4.0 V
≤ EVDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
fMCK
≤ 4 MHz
6/fMCK
ns
20 MHz < fMCK
≤ 24 MHz
16/fMCK
ns
16 MHz < fMCK
≤ 20 MHz
14/fMCK
ns
8 MHz < fMCK
≤ 16 MHz
12/fMCK
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
ns
2.7 V
≤ EVDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
fMCK
≤ 4 MHz
6/fMCK
ns
20 MHz < fMCK
≤ 24 MHz
36/fMCK
ns
16 MHz < fMCK
≤ 20 MHz
32/fMCK
ns
8 MHz < fMCK
≤ 16 MHz
26/fMCK
ns
4 MHz < fMCK
≤ 8 MHz
16/fMCK
ns
SCKp cycle time
Note 1
tKCY2
1.8 V
≤ EVDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 VNote2
fMCK
≤ 4 MHz
10/fMCK
ns
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
tKCY2/2
−
12
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
tKCY2/2
−
18
ns
SCKp high-/low-level
width
Note 2
tKH2,
tKL2
1.8 V
≤ EVDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V
tKCY2/2
−
50
ns
2.7 V
≤ VDD < 5.5 V
1/fMCK + 20
ns
SIp setup time
(to SCKp
↑) Note 3
tSIK2
1.8 V
≤ Vb ≤ 3.3 V
1/fMCK + 30
ns
SIp hold time
(from SCKp
↑) Note 4
tKSI2
1/fMCK + 31
ns
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
2/fMCK +
120
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
2/fMCK +
214
ns
Delay time from SCKp
↓ to
SOp output
Notes 2, 5
tKSO2
1.8 V
≤ EVDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V,
Cb = 30 pF, Rb = 5.5 k
Ω
2/fMCK +
573
ns
(Note, Caution and Remark are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com