Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10RFAAFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F10RFAAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAAFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F10RFAAFP Datasheet HTML 17Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 18Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 19Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 20Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 21Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 22Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 24Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 21 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.2 Oscillator Characteristics
2.2.1 Main system clock oscillator characteristics
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Resonator
Recommended
Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
1.8 V
≤ VDD < 2.7 V
1.0
8.0
MHz
Ceramic resonator
C1
X2
X1
C2
VSS
Rd
X1 clock oscillation
frequency (fX)
Note
1.6 V
≤ VDD <1.8 V
1.0
4.0
MHz
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
1.8 V
≤ VDD < 2.7 V
1.0
8.0
MHz
Crystal resonator
C1
X2
X1
C2
VSS
Rd
X1 clock oscillation
frequency (fX)
Note
1.6 V
≤ VDD <1.8 V
1.0
4.0
MHz
Note Indicates only oscillator characteristics.
Refer to AC Characteristics for instruction execution time.
Cautions 1. When using the X1 oscillator, wire as follows in the area enclosed by the broken lines in the
above figures to avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
2. Since the CPU is started by the high-speed on-chip oscillator clock after a reset release,
check the X1 clock oscillation stabilization time using the oscillation stabilization time
counter status register (OSTC) by the user. Determine the oscillation stabilization time of the
OSTC register and the oscillation stabilization time select register (OSTS) after sufficiently
evaluating the oscillation stabilization time with the resonator to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com