Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10RFAAFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F10RFAAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAAFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F10RFAAFP Datasheet HTML 28Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 30Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 31Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 32Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 33Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 34Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 35Page - Renesas Technology Corp R5F10RFAAFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 32 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Notes 1. Total current flowing into VDD and EVDD, including the input leakage current flowing when the level of the
input pin is fixed to VDD, EVDD or VSS, EVSS.
The values below the MAX. column include the peripheral
operation current.
However, not including the current flowing into the A/D converter, LVD circuit, I/O port,
and on-chip pull-up/pull-down resistors.
2. During HALT instruction execution by flash memory.
3. When high-speed on-chip oscillator and subsystem clock are stopped.
4. When high-speed system clock and subsystem clock are stopped.
5. When operating real-time clock (RTC) and setting ultra-low current consumption (AMPHS1 = 1).
When
high-speed on-chip oscillator and high-speed system clock are stopped.
When watchdog timer is
stopped.
6. When high-speed on-chip oscillator, high-speed system clock, and subsystem clock are stopped.
When
watchdog timer is stopped.
7. Relationship between operation voltage width, operation frequency of CPU and operation mode is as
below.
High speed operation: VDD = 2.4 V to 5.5 V@1 MHz to 24 MHz
Low speed operation:
VDD = 1.8 V to 5.5 V@1 MHz to 8 MHz
Low voltage operation: VDD = 1.6 V to 5.5 V@1 MHz to 4 MHz
Remarks 1. fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system
clock frequency)
2. fIH:
High-speed on-chip oscillator clock frequency
3. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
4. Except subsystem clock operation and STOP mode, temperature condition of the TYP. value is TA =
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com