Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NACDFB Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F563NACDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NACDFB Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F563NACDFB Datasheet HTML 72Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 73Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 74Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 75Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 76Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 77Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 78Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 79Page - Renesas Technology Corp R5F563NACDFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 76 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 9804h
AD
A/D data register C
ADDRC
16
16
2, 3 PCLKB
2 ICLK
0008 9806h
AD
A/D data register D
ADDRD
16
16
2, 3 PCLKB
2 ICLK
0008 9808h
AD
A/D data register E
ADDRE
16
16
2, 3 PCLKB
2 ICLK
0008 980Ah
AD
A/D data register F
ADDRF
16
16
2, 3 PCLKB
2 ICLK
0008 980Ch
AD
A/D data register G
ADDRG
16
16
2, 3 PCLKB
2 ICLK
0008 980Eh
AD
A/D data register H
ADDRH
16
16
2, 3 PCLKB
2 ICLK
0008 9810h
AD
A/D control/status register
ADCSR
8
8
2, 3 PCLKB
2 ICLK
0008 9811h
AD
A/D control register
ADCR
8
8
2, 3 PCLKB
2 ICLK
0008 9812h
AD
A/D control register 2
ADCR2
8
8
2, 3 PCLKB
2 ICLK
0008 9813h
AD
A/D sampling state register
ADSSTR
8
8
2, 3 PCLKB
2 ICLK
0008 981Fh
AD
A/D self-diagnostic register
ADDIAGR
8
8
2, 3 PCLKB
2 ICLK
0008 A000h
SCI0
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
0008 A001h
SCI0
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
0008 A002h
SCI0
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
0008 A003h
SCI0
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
0008 A004h
SCI0
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
0008 A005h
SCI0
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A006h
SCI0
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
0008 A007h
SCI0
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
0008 A008h
SCI0
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
0008 A009h
SCI0
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
0008 A00Ah
SCI0
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
0008 A00Bh
SCI0
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
0008 A00Ch
SCI0
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
0008 A00Dh
SCI0
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
0008 A020h
SCI1
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
0008 A021h
SCI1
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
0008 A022h
SCI1
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
0008 A023h
SCI1
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
0008 A024h
SCI1
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
0008 A025h
SCI1
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A026h
SCI1
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
0008 A027h
SCI1
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
0008 A028h
SCI1
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
0008 A029h
SCI1
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
0008 A02Ah
SCI1
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
0008 A02Bh
SCI1
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
0008 A02Ch
SCI1
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
0008 A02Dh
SCI1
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
0008 A040h
SCI2
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
0008 A041h
SCI2
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
0008 A042h
SCI2
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
0008 A043h
SCI2
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
0008 A044h
SCI2
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
0008 A045h
SCI2
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
0008 A046h
SCI2
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
0008 A047h
SCI2
Serial extended mode register
SEM
8
8
2, 3 PCLKB
2 ICLK
0008 A048h
SCI2
Noise filter setting register
SNFR2
8
8
2, 3 PCLKB
2 ICLK
0008 A049h
SCI2
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
0008 A04Ah
SCI2
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
0008 A04Bh
SCI2
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
0008 A04Ch
SCI2
I2C status register
SIS
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (23/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com