| Electronic Components Datasheet Search |
|
R5F563NACDFB Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F563NACDFB Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 14 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. 8-bit timer TMO0 to TMO3 Output Output pins for the compare match signals. TMCI0 to TMCI3 Input Input pins for the external clock signals that drive for the counters. TMRI0 to TMRI3 Input Input pins for the counter-reset signals. Serial communications interface (SCIc) Asynchronous mode/clock synchronous mode SCK0 to SCK11 I/O Input/output pins for clock signals. RXD0 to RXD11 Input Input pins for data reception. TXD0 to TXD11 Output Output pins for data transmission. CTS0# to CTS11# Input Transfer start control input pins RTS0# to RTS11# Output Transfer start control output pins Simple I2C mode SSCL0 to SSCL11 I/O Input/output pins for the I2C clock SSDA0 to SSDA11 I/O Input/output pins for the I2C data Serial communications interface (SCIc) Simple SPI mode SCK0 to SCK11 I/O Input/output pins for the clock SMISO0 to SMISO11 I/O Input/output pins for slave transmit data. SMOSI0 to SMOSI11 I/O Input/output pins for master transmit data. SS0# to SS11# Input Input pins for chip select signals Serial communications interface (SCId) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for clock signals. RXD12 Input Input pin for data reception. TXD12 Output Output pin for data transmission. CTS12# Input Transfer start control input pins RTS12# Output Transfer start control output pins Simple I2C mode SSCL12 I/O Input/output pins for the I2C clock SSDA12 I/O Input/output pins for the I2C data Simple SPI mode SCK12 I/O Input/output pins for the clock SMISO12 I/O Input/output pins for slave transmit data. SMOSI12 I/O Input/output pins for master transmit data. SS12# Input Input pins for chip select signals Extended serial mode RXDX12 Input Input pin for receive data TXDX12 Output Output pin for transmit data SIO12 I/O Input/output pin for transfer data I2C bus interface SCL0[FM+], SCL1 to SCL3 I/O Input/output pin for clocks. Bus can be directly driven by the N-channel open drain output. SDA0[FM+], SDA1 to SDA3 I/O Input/output pin for data. Bus can be directly driven by the N-channel open drain output. Table 1.4 Pin Functions (3/6) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |