Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NADDFB Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F563NADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NADDFB Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F563NADDFB Datasheet HTML 89Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 90Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 91Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 92Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 93Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 94Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 95Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 96Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 93 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
000A 0208h
USB1
Device state control register 0
DVSTCTR0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0214h
USB1
CFIFO port register
CFIFO
16
8, 16
3 to 4 PCLKB
2, 3 ICLK
000A 0218h
USB1
D0FIFO port register
D0FIFO
16
8, 16
3 to 4 PCLKB
2, 3 ICLK
000A 021Ch
USB1
D1FIFO port register
D1FIFO
16
8, 16
3 to 4 PCLKB
2, 3 ICLK
000A 0220h
USB1
CFIFO port select register
CFIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0222h
USB1
CFIFO port control register
CFIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0228h
USB1
D0FIFO port select register
D0FIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 022Ah
USB1
D0FIFO port control register
D0FIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 022Ch
USB1
D1FIFO port select register
D1FIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 022Eh
USB1
D1FIFO port control register
D1FIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0230h
USB1
Interrupt enable register 0
INTENB0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0236h
USB1
BRDY interrupt enable register
BRDYENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0238h
USB1
NRDY interrupt enable register
NRDYENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 023Ah
USB1
BEMP interrupt enable register
BEMPENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 023Ch
USB1
SOF output configuration register
SOFCFG
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0240h
USB1
Interrupt status register 0
INTSTS0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0246h
USB1
BRDY interrupt status register
BRDYSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0248h
USB1
NRDY interrupt status register
NRDYSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 024Ah
USB1
BEMP interrupt status register
BEMPSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 024Ch
USB1
Frame number register
FRMNUM
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
Table 4.1
List of I/O Registers (Address Order) (40/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com