Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NADDFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F563NADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NADDFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F563NADDFB Datasheet HTML 92Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 93Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 94Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 95Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 96Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 97Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 98Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 99Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 96 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
000A 0298h
USB1
Pipe 3 transaction counter enable register
PIPE3TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 029Ah
USB1
Pipe 3 transaction counter register
PIPE3TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 029Ch
USB1
Pipe 4 transaction counter enable register
PIPE4TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 029Eh
USB1
Pipe 4 transaction counter register
PIPE4TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 02A0h
USB1
Pipe 5 transaction counter enable register
PIPE5TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 02A2h
USB1
Pipe 5 transaction counter register
PIPE5TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0400h
USB
Deep standby USB transceiver control/pin monitor register
DPUSR0R
32
32
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0404h
USB
Deep standby USB suspend/resume interrupt register
DPUSR1R
32
32
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000C 0000h
EDMAC
EDMAC mode register
EDMR
32
32
5, 6PCLKA
—
000C 0008h
EDMAC
EDMAC transmit request register
EDTRR
32
32
5, 6PCLKA
—
000C 0010h
EDMAC
EDMAC receive request register
EDRRR
32
32
5, 6PCLKA
—
000C 0018h
EDMAC
Transmit descriptor list start address register
TDLAR
32
32
5, 6PCLKA
—
000C 0020h
EDMAC
Receive descriptor list start address register
RDLAR
32
32
5, 6PCLKA
—
000C 0028h
EDMAC
ETHERC/EDMAC status register
EESR
32
32
5, 6PCLKA
—
000C 0030h
EDMAC
ETHERC/EDMAC status interrupt permission register
EESIPR
32
32
5, 6PCLKA
—
000C 0038h
EDMAC
Transmit/receive status copy enable register
TRSCER
32
32
5, 6PCLKA
—
000C 0040h
EDMAC
Receive missed-frame counter register
RMFCR
32
32
5, 6PCLKA
—
000C 0048h
EDMAC
Transmit FIFO threshold register
TFTR
32
32
5, 6PCLKA
—
000C 0050h
EDMAC
FIFO depth register
FDR
32
32
5, 6PCLKA
—
000C 0058h
EDMAC
Receiving method control register
RMCR
32
32
5, 6PCLKA
—
000C 0064h
EDMAC
Transmit FIFO underrun counter
TFUCR
32
32
5, 6PCLKA
—
000C 0068h
EDMAC
Receive FIFO overflow counter
RFOCR
32
32
5, 6PCLKA
—
000C 006Ch
EDMAC
Independent output signal setting register
IOSR
32
32
5, 6PCLKA
—
000C 0070h
EDMAC
Flow control start FIFO threshold setting register
FCFTR
32
32
5, 6PCLKA
—
000C 0078h
EDMAC
Receive data padding insert register
RPADIR
32
32
5, 6PCLKA
—
000C 007Ch
EDMAC
Transmit interrupt setting register
TRIMD
32
32
5, 6PCLKA
—
000C 00C8h
EDMAC
Receive buffer write address register
RBWAR
32
32
5, 6PCLKA
—
000C 00CCh
EDMAC
Receive descriptor fetch address register
RDFAR
32
32
5, 6PCLKA
—
000C 00D4h
EDMAC
Transmit buffer read address register
TBRAR
32
32
5, 6PCLKA
—
000C 00D8h
EDMAC
Transmit descriptor fetch address register
TDFAR
32
32
5, 6PCLKA
—
Table 4.1
List of I/O Registers (Address Order) (43/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com