Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NADDFB Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F563NADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NADDFB Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F563NADDFB Datasheet HTML 97Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 98Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 99Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 100Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 101Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 102Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 103Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 104Page - Renesas Technology Corp R5F563NADDFB Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 101 of 106
Dec 27, 2011
RX63N Group, RX631 Group
Appendix 1. Package Dimensions
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure C 176-pin LQFP (PLQP0176KB-A)
INCLUDE TRIM OFFSET.
DIMENSION "
*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "
*1" AND "*2"
1.
2.
y
Index mark
*3
*1
F
176
133
132
89
88
45
44
1
x
bp
HD
D
ZD
Terminal cross section
b1
bp
Detail F
L
L1
P-LQFP176-24x24-0.50
1.8g
MASS[Typ.]
176P6Q-A / FP-176E / FP-176EV
PLQP0176KB-A
RENESAS Code
JEITA Package Code
Previous Code
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.10
e
0.5
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
25.826.026.2
25.826.026.2
A2
1.4
E
23.924.024.1
D
23.924.024.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.15
0.20
0.25
0.09 0.145 0.20
0.08
1.25
1.25
0.18
0.125
1.0
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com