Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NBCDFB Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 88Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 92Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 93Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 94Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 95Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 92 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
000A 0098h
USB0
Pipe 3 transaction counter enable register
PIPE3TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 009Ah
USB0
Pipe 3 transaction counter register
PIPE3TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 009Ch
USB0
Pipe 4 transaction counter enable register
PIPE4TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 009Eh
USB0
Pipe 4 transaction counter register
PIPE4TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00A0h
USB0
Pipe 5 transaction counter enable register
PIPE5TRE
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00A2h
USB0
Pipe 5 transaction counter register
PIPE5TRN
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00D0h
USB0
Device address 0 configuration register
DEVADD0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00D2h
USB0
Device address 1 configuration register
DEVADD1
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00D4h
USB0
Device address 2 configuration register
DEVADD2
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00D6h
USB0
Device address 3 configuration register
DEVADD3
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00D8h
USB0
Device address 4 configuration register
DEVADD4
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 00DAh
USB0
Device address 5 configuration register
DEVADD5
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0200h
USB1
System configuration control register
SYSCFG
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0204h
USB1
System configuration status register 0
SYSSTS0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
Table 4.1
List of I/O Registers (Address Order) (39/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com