Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NBCDFB Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F563NBCDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NBCDFB Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F563NBCDFB Datasheet HTML 11Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 12Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 13Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 14Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 15Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 16Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 17Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 18Page - Renesas Technology Corp R5F563NBCDFB Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 15 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Ethernet controller
REF50CK
Input
50-MHz reference clock. This pin inputs reference signals for
transmission/reception timings in RMII mode.
RMII_CRS_DV
Input
Indicates that there are carrier detection signals and valid
receive data on RMII_RXD1 and RMII_RXD0 in RMII mode.
RMII_TXD0, RMII_TXD1
Output
2-bit transmit data in RMII mode.
RMII_RXD0, RMII_RXD1
Input
2-bit receive data in RMII mode.
RMII_TXD_EN
Output
Output pin for data transmit enable signals in RMII mode.
RMII_RX_ER
Input
Indicates an error has occurred during reception of data in RMII
mode.
ET_CRS
Input
Carrier detection/data reception enable pin.
ET_RX_DV
Input
Indicates that there are valid receive data on ET_ERXD3 to
ET_ERXD0.
ET_EXOUT
Output
General-purpose external output pin.
ET_LINKSTA
Input
Inputs link status from the PHY-LSI.
ET_ETXD0 to ET_ETXD3
Output
4 bits of MII transmit data.
ET_ERXD0 to ET_ERXD3
Input
4 bits of MII receive data.
ET_TX_EN
Output
Transmit enable pin. Indicates that transmit data is ready on
ET_ETXD3 to ET_ETXD0.
ET_TX_ER
Output
Transmit error pin. Notifies the PHY_LSI of an error during
transmission.
ET_RX_ER
Input
Receive error pin. Recognizes an error during reception.
ET_TX_CLK
Input
Transmit clock pin. This pin inputs reference signals for output
timings from ET_TX_EN, ET_ETXD3 to ET_ETXD0, and
ET_TX_ER.
ET_RX_CLK
Input
Receive clock pin. This pin inputs reference signals for input
timings to ET_RX_DV, ET_ERXD3 to ET_ERXD0, and
ET_RX_ER.
Ethernet controller
ET_COL
Input
Inputs collision detection signals.
ET_WOL
Output
Receives Magic packets.
ET_MDC
Output
Outputs reference clock signals for information transfer via
ET_MDIO.
ET_MDIO
I/O
Inputs or outputs bidirectional signals for exchange of
management information between the RX63N Group and the
PHY-LSI.
USB 2.0 host/function
module
VCC_USB
Input
Power supply pin.
VSS_USB
Input
Ground pin.
USB0_DP, USB1_DP
I/O
Inputs or outputs USB transceiver D+ data.
USB0_DM, USB1_DM
I/O
Inputs or outputs USB transceiver D- data.
USB0_VBUS, USB1_VBUS
Input
Input pins for detection of connection and disconnection of the
USB cable.
USB0_EXICEN
Output
Output pin for control the low power of the OTG chip.
USB0_VBUSEN
Output
Supply enable pin of VBUS (5 V) for the OTG chip.
USB0_OVRCURA,
USB0_OVRCURB,
Input
Input pin for detection of external over current.
USB0_ID
Input
ID input pin of mini-AB connector at the OGT operation.
USB0_DPUPE,
USB1_DPUPE
Output
Pull-up control pins of the D+ signal at the function operation.
USB0_DPRPD
Output
Pull-down control pins of the D+ signal at the host operation.
USB0_DRPD
Output
Pull-down control pins of the D- signal at the host operation.
CAN module
CRX0 to CRX2
Input
Input pin.
CTX0 to CTX2
Output
Output pin.
Table 1.4
Pin Functions (4/6)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com