Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 141Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 142Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 143Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 144Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 145Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 146Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 147Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 148Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 145 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Figure 5.36
RSPI Timing (Slave, CPHA = 1) and Simple SPI Timing (Slave, CPHA = 1)
Figure 5.37
RIIC Bus Interface Input/Output Timing and Simple IIC Bus Interface Input/Output
Timing
SSLA0
SSLB0
input
RSPCKA to RSPCKC
CPOL = 0
input
RSPCKA to RSPCKC
CPOL = 1
input
MISOA to MISOC
output
MOSIA to MOSIC
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SDA0 to SDA3
SCL0 to SCL3
VIH
VIL
tSTAH
tSCLH
tSCLL
P *1
S *1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition
Test conditions
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6V, IOL = 6 mA (ICFER.FMPE = 0)
VOL = 0.4V, IOL = 15 mA (ICFER.FMPE = 1)
Sr *1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com