Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 142Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 143Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 144Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 145Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 146Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 147Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 148Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 149Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 146 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.5
USB Characteristics
Figure 5.38
DP and DM Output Timing (Full-Speed)
Figure 5.39
Test Circuit (Full-Speed)
Table 5.20
On-Chip USB Full-Speed Characteristics (DP and DM Pin Characteristics)
Conditions: VCC = AVCC0 = VCC_USB = 3.0 to 3.6 V, VREFH/VREFH0 = 3.0 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VCC_USB = 0 V
PCLK = 24 to 50 MHz
Ta = Topr
High drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test Conditions
Input
characteristics
Input high level voltage
VIH
2.0
—
V
Input low level voltage
VIL
—0.8
V
Differential input sensitivity
VDI
0.2
—
V
| DP – DM |
Differential common mode range
VCM
0.8
2.5
V
Output
characteristics
Output high level voltage
VOH
2.8
3.6
V
IOH = –200 µA
Output low level voltage
VOL
0.0
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
2.0
V
Figure 5.38
Rise time
tLr
420
ns
Fall time
tLf
420
ns
Rise/fall time ratio
tLr / tLf
90
111.11
%
tLr / tLf
Output resistance
ZDRV
28
44
Ω
Rs = 22
Ω
included
DP, DM
tLf
tLr
90%
10%
10%
90%
VCRS
Observation
point
22
22
50 pF
50 pF
dp
dm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com