Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 157 of 168
Sep 13, 2011
RX630 Group
Appendix 1. Package Dimensions
Appendix 1.Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation. website.
Figure A 177 Pin TFLGA (PTLG0177KA-A)
e
S
B
A
R
P
15
14
13
12
11
10
9
N
M
L
K
J
Index mark
(Laser mark)
x4
v
AB
S
AB
S
y
S
8
7
6
5
4
3
2
1
B
C
D
E
F
G
H
A
A
w S
ZD
A
D
PTLG0177KA-A
177F0E-A
0.2g
P-TFLGA177-8x8-0.50
0.15
v
0.20
w
0.08
0.39
0.34
0.29
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
8.0
D
8.0
E
1.05
A
x
0.5
e
0.08
y
b1
b
0.21
0.25
0.29
0.5
ZD
ZE
0.5
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
φ b1
φ b
φ × M
φ × M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com