Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 159Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 160Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 161Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 162Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 163Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 160 of 168
Sep 13, 2011
RX630 Group
Appendix 1. Package Dimensions
Figure D 145 Pin TFLGA (PTLG0145KA-A)
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
0.1g
145F0G
PTLG0145KA-A
P-TFLGA145-7x7-0.50
0.15
v
0.20
w
0.08
0.39
0.34
0.29
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
D
7.0
E
1.05
A
x
0.5
e
0.10
y
b1
b
0.21
0.25
0.29
0.5
ZD
ZE
0.5
S
w
A
A
H
G
F
E
D
C
B
12345678
S
yS
AB
SAB
v
x4
(Laser mark)
Index mark
J
K
L
M
N
9
10111213
D
A
ZD
b1
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com