Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N0100P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # N0100P
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0100P Datasheet(HTML) 4 Page - Renesas Technology Corp

  N0100P Datasheet HTML 1Page - Renesas Technology Corp N0100P Datasheet HTML 2Page - Renesas Technology Corp N0100P Datasheet HTML 3Page - Renesas Technology Corp N0100P Datasheet HTML 4Page - Renesas Technology Corp N0100P Datasheet HTML 5Page - Renesas Technology Corp N0100P Datasheet HTML 6Page - Renesas Technology Corp N0100P Datasheet HTML 7Page - Renesas Technology Corp N0100P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D20203EJ1V0DS
2
N0100P
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−12 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m8 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1.0 mA
−0.45
−1.5
V
Forward Transfer AdmittanceNote
| yfs |
VDS =
−10 V, ID = −2.0 A
4
S
Drain to Source On-state ResistanceNote
RDS(on)1
VGS =
−4.5 V, ID = −2.0 A
37
44
m
Ω
RDS(on)2
VGS =
−3.0 V, ID = −2.0 A
42
56
m
Ω
RDS(on)3
VGS =
−2.5 V, ID = −2.0 A
46
62
m
Ω
RDS(on)4
VGS =
−1.8 V, ID = −1.5 A
60
105
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
720
pF
Output Capacitance
Coss
VGS = 0 V,
150
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
80
pF
Turn-on Delay Time
td(on)
VDD =
−6 V, ID = −1.75 A,
18
ns
Rise Time
tr
VGS =
−4.5 V,
37
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
240
ns
Fall Time
tf
114
ns
Total Gate Charge
QG
VDD =
−10 V,
8.3
nC
Gate to Source Charge
QGS
VGS =
−4.5 V,
1.3
nC
Gate to Drain Charge
QGD
ID =
−3.5 A
2.1
nC
Body Diode Forward VoltageNote
VF(S-D)
IF = 3.5 A, VGS = 0 V
0.84
V
Reverse Recovery Time
Trr
IF = 3.5 A, VGS = 0 V,
270
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
μs
300
nC
Note Pulsed
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com