Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N0100P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # N0100P
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0100P Datasheet(HTML) 7 Page - Renesas Technology Corp

  N0100P Datasheet HTML 1Page - Renesas Technology Corp N0100P Datasheet HTML 2Page - Renesas Technology Corp N0100P Datasheet HTML 3Page - Renesas Technology Corp N0100P Datasheet HTML 4Page - Renesas Technology Corp N0100P Datasheet HTML 5Page - Renesas Technology Corp N0100P Datasheet HTML 6Page - Renesas Technology Corp N0100P Datasheet HTML 7Page - Renesas Technology Corp N0100P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D20203EJ1V0DS
5
N0100P
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
SWITCHING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
-0.1
-1
-10
-100
VGS = –1.8 V
–4.5 V
Pulsed
–3.0 V
–2.5 V
ID - Drain Current - A
1
10
100
1000
-0.1
-1
-10
-100
VDD = –6 V
VGS = –4.5 V
RG = 10
Ω
td(off)
tf
tr
td(on)
ID - Drain Current - A
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
10
100
1000
10000
-0.1
-1
-10
-100
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
-0.01
-0.1
-1
-10
-100
0.0
0.5
1.0
1.5
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
-1
-2
-3
-4
-5
-6
-7
012345
6
789 10 11 12
ID = –3.5 A
VDD = –10 V
–6 V
QG - Gate Change - nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com